Part Number Hot Search : 
MAX14531 MN101C CTCSS 250YF NJU7074D GBU13508 0260F8A SA160
Product Description
Full Text Search
 

To Download BUS23B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BUS23B/C
DESCRIPTION *High Switching Speed *Collector-Emitter Sustaining Voltage: VCEO(SUS)= 400V (Min)-BUS23B 450V (Min)-BUS23C APPLICATIONS *Designed for use in converters, inverters, switching regulators, motor control systems etc. ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER BUS23B BUS23C BUS23B BUS23C VEBO IC ICM IB
B
MAX 750
UNIT
VCES
Collector- Emitter Voltage(VBE= 0)
V 850 400 V 450 9 15 30 6 9 175 150 -65~150 V A A A A W
VCEO
Collector-Emitter Voltage
Emitter-Base Voltage Collector Current-Continuous Collector Current-Peak Base Current-Continuous Base Current-Peak Collector Power Dissipation @TC=25 Junction Temperature Storage Temperature Range
IBM PC Tj Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance, Junction to Case MAX 0.7 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER BUS23B VCEO(SUS) Collector-Emitter Sustaining Voltage BUS23C BUS23B VCE(sat) Collector-Emitter Saturation Voltage BUS23C BUS23B VBE(sat) Base-Emitter Saturation Voltage BUS23C ICES IEBO hFE Collector Cutoff Current Emitter Cutoff Current DC Current Gain IC= 10A; IB= 1.67A VCE=VCESMmax; VBE= 0 VEB= 9V; IC= 0 IC= 1.5A ; VCE= 5V IC= 10A; IB= 1.67A IC= 10A; IB= 1.33A IC= 10A; IB= 1.33A IC= 0.1A ; IB= 0; L= 25mH 450 CONDITIONS MIN 400
BUS23B/C
TYP.
MAX
UNIT
V
1.5 V 1.5 1.6 V 1.6 1 10 25 mA mA
Switching Times , Resistive Load ton tstg tf Turn-On Time For BUS23B IC= 10A ;IB1= -IB2= 1.33A Storage Time For BUS23C IC= 10A; IB1= -IB2= 1.67A Fall Time 0.27 2.0 s s 0.7 s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of BUS23B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X